PART |
Description |
Maker |
SUP60N10-16L |
N-Channel 100-V (D-S) 175C MOSFET From old datasheet system N-Channel 100-V (D-S) 175 Degree Celcious MOSFET N-Channel MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
AD9974BBCZ AD9974BBCZRL AD9974-15 |
Dual-Channel, 14-bit, CCD Signal Processor with Precision Timing™ Core; Package: CSPBGA (9x9x1.40); No of Pins: 100; Temperature Range: Industrial SPECIALTY CONSUMER CIRCUIT, PBGA100 Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
|
Analog Devices, Inc.
|
SFF80N10Z |
55 AMP (note 1) /100 Volts 12 mO N-Channel Trench Gate MOSFET 55 A, 100 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Solid State Devices, Inc.
|
PSMN5R0-100PS |
N-channel 100 V 5 mΩ standard level MOSFET in TO-220 120 A, 100 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
SFF120-28Q |
9.2 AMPS 100 VOLTS 0.35S QUAD N-CHANNEL POWER MOSFET 9.2 A, 100 V, 0.35 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Solid State Devices, Inc.
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
SI4982DY SI4982DY-T1 |
2.6 A, 100 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET Dual N-Channel 100-V (D-S) MOSFET Dual N-Channel, 100-V, (D-S) Rated MOSFET
|
VISHAY INTERTECHNOLOGY INC VISAY[Vishay Siliconix]
|
FDT86113LZ |
100V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 100 V, 3.3 A, 100 m N-Channel PowerTrench? MOSFET 100 V, 3.3 A, 100 m
|
Fairchild Semiconductor
|
PPF150M |
N Channel MOSFET; Package: TO-254; ID (A): 21; RDS(on) (Ohms): 0.053; PD (W): 150; BVDSS (V): 100; Rq: 0.83; 34 A, 100 V, 0.053 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
SUV85N10-10 |
N-Channel 100-V (D-S) 175C MOSFET N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
|
VISAY[Vishay Siliconix]
|
AD9446 AD9446- AD9446BSVZ-80 AD9446-100LVDS AD9446 |
16-Bit, 80 MSPS / 100 MSPS A/D Converter From old datasheet system 16-Bit, 80/100 MSPS ADC
|
AD[Analog Devices]
|
|